Part Number Hot Search : 
RF3604D P1200A07 TW9960 P120NF10 U33M100 10112ZL 52E2410 PN4303
Product Description
Full Text Search
 

To Download MMSZ3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20110725 h mmszxxv series 500mw sod-123 surface moun t f lat lead surface mount plastic package zener voltage regulators a bsolute maximum ratings t a = 25c unless otherwise noted symb ol parameter value units p d po wer dissipation 500 mw t st g sto rage temperature range -65 to +150 c t op r o perating temperature range -65 to +150 c t hese ratings are limiting values above which the serviceability of the diode may be impaired. spe cification features: ? w ide zener voltage range selection, 2.4v to 75v ? vz tolerance selection of 5% (b series of 2%) ? flat lead sod-123 plastic package ? surfac e device type mounting ? m oisture sensitivity level 1 ? cl ip bonding construction, good thermal capability ? pb free version and rohs compliant ? m atte tin(sn) lead finish with nickel(ni) underplate ? band indi cates cathode elec trical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) de vice type device marking min nom max i zt (ma) z zt @ i zt ( ? ) ma x i zk (ma) z zk @ i zk ( ? ) ma x i r @ v r ( a) max v r (v olts) mmsz 2v4 2v4z 2.28 2.4 2.52 5 94 1 564 45 1 mmsz 2v7 2v7z 2.57 2.7 2.84 5 94 1 564 18 1 mmsz 3v0 3v0z 2.85 3.0 3.15 5 89 1 564 9 1 mmsz 3v3 3v3z 3.14 3.3 3.47 5 89 1 564 4.5 1 mmsz 3v6 3v6z 3.42 3.6 3.78 5 84 1 564 4.5 1 mmsz 3v9 3v9z 3.71 3.9 4.10 5 84 1 564 2.7 1 mmsz 4v3 4v3z 4.09 4.3 4.52 5 84 1 564 2.7 1 mmsz 4v7 4v7z 4.47 4.7 4.94 5 75 1 470 2.7 2 mmsz 5v1 5v1z 4.85 5.1 5.36 5 56 1 451 1.8 2 mmsz 5v6 5v6z 5.32 5.6 5.88 5 37 1 376 0.9 2 mmsz 6v2 6v2z 5.89 6.2 6.51 5 9 1 141 2.7 4 mmsz 6v8 6v8z 6.46 6.8 7.14 5 14 1 75 1.8 4 mmsz 7v5 7v5z 7.11 7.5 7.86 5 14 1 75 0.9 5 mmsz 8v2 8v2z 7.79 8.2 8.61 5 14 1 75 0.63 5 mmsz 9v1 9v1z 8.65 9.1 9.56 5 14 1 94 0.45 6 mmsz 10v 10vz 9.50 10 10.50 5 18 1 141 0.18 7 mmsz 11v 11vz 10.45 11 11.55 5 18 1 141 0.09 8 mmsz 12v 12vz 11.40 12 12.60 5 23 1 141 0.09 8 mmsz 13v 13vz 12.35 13 13.65 5 28 1 160 0.09 8 mmsz 15v 15vz 14.25 15 15.75 5 28 1 188 0.045 10.5 mmsz 16v 16vz 15.20 16 16.80 5 37 1 188 0.045 11.2 mmsz 18v 18vz 17.10 18 18.90 5 42 1 212 0.045 12.6 mmsz 20v 20vz 19.00 20 21.00 5 51 1 212 0.045 14.0 electr ical symbol ca thode anode s od-123 flat lead xx = product type marking code xx
http://www.yeashin.com 2 rev.02 20110725 mmszxxv series electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min nom max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) mmsz22v 22vz 20.90 22 23.10 5 51 1 235 0.045 15.4 mmsz24v 24vz 22.80 24 25.20 5 65 1 235 0.045 16.8 mmsz27v 27vz 25.65 27 28.35 5 75 0.5 282 0.045 18.9 mmsz30v 30vz 28.50 30 31.50 5 75 0.5 282 0.045 21.0 mmsz33v 33vz 31.35 33 34.65 5 75 0.5 306 0.045 23.0 mmsz36v 36vz 34.20 36 37.80 5 84 0.5 329 0.045 25.2 mmsz39v 39vz 37.05 39 40.95 5 122 0.5 329 0.045 27.3 mmsz43v 43vz 40.85 43 45.15 5 141 0.5 353 0.045 30.1 mmsz47v 47vz 44.65 47 49.35 5 160 0.5 353 0.045 33.0 mmsz51v 51vz 48.45 51 53.55 5 169 0.5 376 0.045 35.7 mmsz56v 56vz 53.20 56 58.80 5 188 0.5 400 0.045 39.2 mmsz62v 62vz 58.90 62 65.10 5 202 0.5 423 0.045 43.4 mmsz68v 68vz 64.60 68 71.40 5 226 0.5 447 0.045 47.6 mmsz75v 75vz 71.25 75 78.75 5 240 0.5 470 0.045 52.5 v f forward voltage = 900mv maximum @ i f = 10 ma for all types notes: 1. the zener voltage ( v z ) is tested under pulse condition of 10ms. 2. the device numbers listed have a standard tolerance on the nominal zener voltage of 5%. 3. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighte r voltage tolerances, contact your n earest yeashin representative. 4. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current ( i zt or i zk ) is superimposed to i zt or i zk.
http://www.yeashin.com 3 rev.02 20110725 mmszxxv series device characteristics fig.1 typical forward voltage fig.2 effect of zener voltage on zener impedance fig.4 typical capacitance fig.5 zener breakdown characteristics fig.6 zener breakdown characteristics 0 100 200 300 400 500 600 0 25 50 75 100 125 150 175 200 temperature [ ] power passipation, mw fig.3 power dissipation vs. ambient temp.
http://www.yeashin.com 4 rev.02 20110725 mmszxxv series package outline & dimensions flat lead sod-123 package outline note: dimensions are exclusive of burrs, mold flash & tie bar extrusions. fig.7 typical leakge current soldering footprint


▲Up To Search▲   

 
Price & Availability of MMSZ3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X